Part Number Hot Search : 
16161A MAX703 ICS503MT B1212 MM1065GM 75122 1N5537 MAX4350
Product Description
Full Text Search
 

To Download MA1LAE1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interconnecting your world connectors & cables m23 and m40 connectors featuring flexgrip? and rocksolid? technology
1 amphenol sine systems motiongrade? m23 and m40 connectors amphenol sine systems motiongrade? m23 and m40 connector systems are designed to excel in performance and reliability in our customers most demanding environments. our innovations and experience as an industry leader in connector technology and total interconnect solutions allow us to offer such features as our flexgrip? backshell system and rocksolid? contacts. these and other features combined with a simplistic design approach reduce initial procurement and assembly cost, while ensuring compatibility to all other existing standard layouts. amphenols motiongrade? m23 and m40 products are ideally suited for advanced servo drive encoder feedback applications, packaging, robotic, printing, machine tool, medical and automation environments where control signal transmission or power are required in a robust and compact delivery system. technical data m23 a series m23 b series m40 c series temperature range -20c to +130c -20c to +130c -20c to +130c protection ip 67 (plugged condition) ip 67 (plugged condition) ip 67 (plugged condition) data according to ul 840 m23 a series m23 b series m40 c series degree of protection 3 3 3 over voltage category iii iii iii materials m23 a series m23 b series m40 c series housing body zinc die-cast zinc die-cast zinc die-cast coupling nut brass, nickel-plated brass, nickel-plated brass, nickel-plated insulation inserts pa66, ul 94 / v0 pa66, ul 94 / v0 pa66 / pbt, ul 94 / v0 contacts brass, gold-plated brass, gold-plated brass, gold-plated seals dupont viton ? dupont viton ? dupont viton ? electrical data m23 a series 12 contact connector m23 b series power contacts m40 c series power contacts max. current (max. wire gauge) max. 10a max. 28a (6 contacts) max. 30a (8 & 9 contacts) max. 75a maximum voltage 160v ac/dc 630v ac/dc 630v ac/dc contact resistence < 5 m? < 3 m? < 1 m? test voltage (between contacts) 2500v 6000v 6000v minimum mating cycles > 50 > 50 > 50 m23 a series 17 contact connector m23 b series signal contacts (8-, 9 contacts) m40 c series signal contacts max. current (max. wire gauge) max. 9a max. 10a max. 30a test voltage (between contacts) 2500v 2500v 4000v maximum voltage 125v ac/dc 250v ac/dc 250v ac/dc contact resistence < 5 m? < 5 m? < 3 m? minimum mating cycles > 50 > 50 > 50
2 www.sineco.com rohs flexgrip backshell system d v e c us ? [+] longer contact life [+] lower contact resistence [+] immunity to shock and vibration [+] low insertion and extraction forces [+] contact area extends 360 around pins c a b l e i n potting access point allows access to the potting cavity which ensures additional mechanical strength, electrical insulation, and vibration/shock resistance. two-piece clamping system/compression ribs ensures secure gripping of cable jacket material to connector housing. simplifed shielding process. features and benefts features benefits lowest installed cost by providing enhanced performance and advancements to existing standard systems with improvements such as our flexgrip ? design , these cost conscious innovations will increase the reliability & performance of one of the most dependable interconnect offerings available today. superior shielding first quality components coupled with a simplistic design provide maximum emi/rfi shielding capabilities while reducing assembly preparation times. assembly/disassembly overall design construction allows for one step process of contact extraction versus complete connector disassembly found within other brands. an integrated contact locking system ensures ease of use and defnitive contact integrity upon insertion. cable strain relief your choice of either the innovative design features of flexgrip ? or traditional cable strain relieving similar to existing standard systems. fluid resistance and sealing in combination with our strain relief systems, amphenol utilizes advanced sealing technologies & materials to ensure highest reliability when subjected to the harshest environments. contacts by creating a 360 degree mating surface around the pin, amphenols rocksolid ? contact offering ensures longer contact life, lower contact resistance, immunizes against shock and vibration all while maintaining low insertion and extraction forces. additionally, industry standard contacts are also available made with gold plated surfaces and high quality cuzn alloys. rohs compliant all materials meet the requirements of the european directive 2002/95/ec, issue 13.2.2003 . addl approvals flexgrip? backshells come in various sizes, ranging from 8.5mm - 18.5mm. flexgrip? backshells must be potted to achieve ip67 ratings. note: industry standard strain relief/cord grip options, achieving ip67 ratings, are also available. note: industry standard contacts are also available. iso 9001/2000 m23 and m40 connectors & cables
3 amphenol sine systems all m23 a series inserts come with 3 coding keys. to order the connector with the correct insert coding, change the 6th digit in the catalog part number per the coding letter desired (see fgure above). examples: ma1cae1200 for e coding, ma1caf1200 for f coding, ma1cag1200 for g coding ma1cap1200 for p coding, ma1car1200 for r coding, ma1cas1200 for s coding if you are ordering an e type connector, coding options are only: e, f & g. normal coding is identifed as e. if you are odering a p type connector, coding options are only: p, r & s. normal coding is identifed as p. (viewed from mating face of insert) insert arrangements m23 a series (face view: cw - clockwise, ccw - counter clockwise) 12pos e type (cw) 16pos e type (cw) 17pos e type (cw) 12pos p type (ccw) 16pos p type (ccw) 17pos p type (ccw) 11 10 9 8 7 6 5 4 3 2 12 16 15 14 13 17 e 1 2 3 4 5 6 7 8 9 10 11 12 e 1 1 e 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 p 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 8 7 6 5 4 3 2 9 12 11 10 p 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 p 1 m23 b series (face view of socket insert) 6pos 8pos 9pos a b c d 4 3 1 1 2 4 5 6 e g l f h a b c m40 c series (face view of socket insert) 6pos 8pos 2 w - + u 1 v w - + u coding keys 3.6mm w - + u e f g s r p cw e ccw p e f g s r p cw e ccw p contact size legend 2.0mm 1.0mm
4 www.sineco.com 12pos e type (cw) 16pos e type (cw) 17pos e type (cw) 12pos p type (ccw) 16pos p type (ccw) 17pos p type (ccw) 11 10 9 8 7 6 5 4 3 2 12 16 15 14 13 17 e 1 2 3 4 5 6 7 8 9 10 11 12 e 1 1 e 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 p 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 8 7 6 5 4 3 2 9 12 11 10 p 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 p 1 type 12e 12p 16e 16p 17e 17p p/n MA1LAE1200 ma1lap1200 ma1lae1600 ma1lap1600 ma1lae1700 ma1lap1700 type 12e 12p 16e 16p 17e 17p p/n ma1rae1201 ma1rap1201 ma1rap1601 ma1rap1601 ma1rae1701 ma1rap1701 type 12e 12p 16e 16p 17e 17p p/n ma1jae1200 ma1jap1200 ma1jae1600 ma1jap1600 ma1jae1700 ma1jap1700 m23 signal solutions - a series plugs (less contacts) straight receptacles (less contacts) rotatable 90 plugs (less contacts) m23 a series (face view: cw - clockwise, ccw - counter clockwise) rotatable 90 receptacles (less contacts) extensions (less contacts) type 12e 12p 16e 16p 17e 17p p/n ma1cae1200 ma1cap1200 ma1cae1600 ma1cap1600 ma1cae1700 ma1cap1700 part number part number sc000035 sc000013 sc000044 contact size contact size 1.0mm 1.0mm 1.0mm type type machined rocksolid ? slit machined crimp barrel (max) crimp barrel (max) 1.0mm 2 (18 ga) 1.0mm 2 (18 ga) 1.0mm 2 (18 ga) extraction tool extraction tool 50-54931-1 50-54931-1 50-54931-1 28.2mm 25.8mm 41.5 mm 25.2 mm 52 mm 19.8 mm 19.8 mm 20 mm m2.5 mm 26mm 27.9mm ?25.2mm pins 41.5 mm 25.2 mm 52 mm 19.8 mm 19.8 mm 20 mm m2.5 mm 26mm type 12e 12p 16e 16p 17e 17p p/n ma1eae1200 ma1eap1200 ma1eae1600 ma1eap1600 ma1eae1700 ma1eap1700 53.9mm 15mm 30.5mm 25.8mm 41.5 mm 25.2 mm 52 mm 19.8 mm 19.8 mm 20 mm m2.5 mm 26mm 27.5mm 25.6mm 25.6mm mounting holes mounting holes ? plugs, receptacles & extensions accept pins or sockets ? for information on rocksolid ? , please refer to page 2 sockets contact size legend 2.0mm 1.0mm m23 and m40 connectors & cables
5 amphenol sine systems type 6pos 8pos 9pos p/n mb1jjn0600 mb1jjn0800 mb1jjn0900 type 6pos 8pos 9pos p/n mb1ejn0600 mb1ejn0800 mb1ejn0900 type 6pos 8pos 9pos p/n mb1ckn0600 mb1ckn0800 mb1ckn0900 m23 power solutions - b series plugs (less contacts) a b c d 4 3 1 1 2 4 5 6 e g l f h a b c rotatable 90 plugs (less contacts) straight receptacles (less contacts) rotatable 90 receptacles (less contacts) extensions (less contacts) m23 b series (face view of socket insert) 6pos 8pos 9pos part number part number sc000035 sc000036 sc000013 sc000044 sc000014 sc000045 contact size contact size 1.0mm 2.0mm 1.0 mm 1.0 mm 2.0 mm 2.0 mm type type machined machined rocksolid ? slit machined rocksolid ? slit machined crimp barrel (max) crimp barrel (max) 1.0mm 2 (18 ga) 2.5mm 2 (14 ga) 1.0mm 2 (18 ga) 1.0mm 2 (18 ga) 2.5mm 2 (14 ga) 2.5mm 2 (14 ga) extraction tool extraction tool 50-54931-1 50-54931-2 50-54931-1 50-54931-1 50-54931-2 50-54931-2 pins type 6pos 8pos 9pos p/n mb1lln0600 mb1lln0800 mb1lln0900 type 6pos 8pos 9pos p/n mb1rjn0601 mb1rjn0801 mb1rjn0901 19.8mm 19.8mm m2.5mm ?20mm 25.2mm 28.3mm 57mm 43.5mm 19.8mm 19.8mm m2.5mm ?20mm 25.2mm 28.3mm 57mm 43.5mm mounting holes mounting holes ? plugs accept sockets only ? receptacles & extensions accept pins only ? for information on rocksolid ? , please refer to page 2 contact size legend 2.0mm 1.0mm sockets ?27mm 27.8mm ?27mm 15mm 30.5mm 60.6mm 33.8mm 25mm 35.3mm 25.7mm 25.7mm 19.8mm 19.8mm ?20mm m2.5mm
6 www.sineco.com type 6pos 8pos p/n mc1lkn0600 mc1lkn0800 m40 power solutions - c series type 6pos 8pos p/n mc1cjn0600 mc1cjn0800 type 6pos 8pos p/n mc1jjn0600 mc1jjn0800 type 6pos 8pos p/n mc1njn0600 mc1njn0800 42mm ?45mm 30mm 30mm ?32mm m4mm ?45mm 42mm ?45mm 30mm 30mm ?32mm m4mm ?45mm mounting holes mounting holes ? plugs accept sockets only ? receptacles & extensions accept pins only part number part number sc000040 sc000041 sc000014 sc000045 sc000039 sc000046 contact size contact size 2.0mm 3.6mm 2.0mm 2.0 mm 3.6mm 3.6mm type type machined machined rocksolid ? slit machined rocksolid ? slit machined crimp barrel (max) crimp barrel (max) 2.5mm 2 (14 ga) 10.0mm 2 (8 ga) 2.5mm 2 (14 ga) 2.5mm 2 (14 ga) 10.0mm 2 (8 ga) 10.0mm 2 (8 ga) extraction tool extraction tool 50-54931-2 50-54931-3 50-54931-2 50-54931-2 50-54931-3 50-54931-3 pins sockets [+] longer contact life [+] lower contact resistence [+] immunity to shock and vibration [+] low insertion and extraction forces [+] contact area extends 360 around pins plugs (less contacts) 2 w - + u 1 v w - + u straight receptacles (less contacts) fixed 90 receptacles (less contacts) extensions (less contacts) m40 c series (face view of socket insert) 6pos 8pos 51.7mm ?45.5mm 62mm ?45mm m4mm 30mm 30mm ?32mm 101mm 32.5mm 45mm 55mm m4mm 30mm 30mm ?32mm 101mm 32.5mm 45mm 55mm contact size legend 2.0mm 3.6mm 2 w - + u 1 v m23 and m40 connectors & cables
7 amphenol sine systems m40 c series part number exit diameter mc4fsr-c18.5 17.5-18.5mm m23 b series part number exit diameter mb4fsr-b10.3 9.5-10.3mm mb4fsr-b12.5 11.5-12.5mm mb4fsr-b14.5 13.5-14.5mm mb4fsr-b17 15.5-17mm flexgrip? backshells for more information on flexgrip? technology, refer to page 2. contact tooling m23 a series part number exit diameter ma4fsr-a8.5 7.5-8.5mm ma4fsr-a10.5 9.5-10.5mm ma4fsr-a12.8 11.5-12.8mm exit diameter ?25.2mm 43.5mm 68.5mm 68.5mm ?26.5mm exit diameter 43.5mm 46.3mm 40mm across flats exit diameter 76.5mm note: flexgrip? backshells must be potted to achieve ip 67 ratings. pneumatic crimp tool size (mm) option 1.0mm universal locator part number : wa22 part number : sk2/2 2.0mm universal locator part number : wa27f part number : uh2-5 3.6mm universal locator part number : wa23 part number : wa23-1010da universal hand crimp tool size (mm) option 1 option 2 1.0mm universal locator solid locator part number : afm8 part number : sk2/2 part number : k613 2.0mm universal locator solid locator part number : af8 part number : uh2-5 n/a
8 www.sineco.com cord grips - traditional note: meets ip 67 ratings m23 a series part number cable range ma3cg-s1 4.5-7.5mm ma3cg-s2 7.5-11.0mm ma3cg-s3 11-15.0mm 23.0 46.5 ?26.5 24.8 across flats 24.0 across flats m23 b series part number cable range mb3cg-s1 7.5-11.0mm mb3cg-s2 11.0-14.5mm mb3cg-s3 14.5-17.0mm m40 c series part number cable range mc3cg-s1 7.5-11.0mm mc3cg-s2 11.0-14.5mm mc3cg-s3 14.5-17.0mm mc3cg-s4 14.5-20.5mm mc3cg-s5 20.5-26.0mm 23.0 46.5 ?26.5 24.8 across flats 24.0 across flats 38.0 across flats 24.8 across flats ?42.5 46.5 ?42.5 61.0 38.0 across flats m23 and m40 connectors & cables
9 amphenol sine systems base curve corrected curve permissable operating range upper current limit set by external factors (i.e. wire section) t u i the derating curve depicts a safe operating zone in which amperage and ambient temperature are the factors. this curve on the chart is an 80% reduction of the current-carrying capacity curve. the current-carrying capacity curve is determined from tests in which the mated connectors are subjected to different levels of current. at these levels of current, the temperature of the hottest spot of the mated con - nector and the temperature inside the test enclosure are recorded. using this data, plugged into a formula, points are plotted on a chart. when the points are connected, the completed curve is the current-carrying capacity curve. derating curves
10 www.sineco.com catalogs to view the full line of amphenol sine systems products and/or to request a catalog, please visit our website at www.sineco.com m23 and m40 connectors & cables
catalog number: m23m402012 (edited 10/2012) amphenol air lb sas 29, voie d yvois f-08110 blagny, france phone: 00-333-24-22-32-70 fax: 00-333-24-22-38-72 email: g.dardenne@amphenol-airlb.fr amphenol air lb gmbh am kleinbahnhof 4 saarlouis d-66740, germany phone: 49-6831-981-00 fax: 49-6831-981-030 email: info@amphenol-airlb.de amphenol benelux zadelmaker 121 nl-2401pd alphen aan den rijn the netherlands phone: (31) 172 444903 fax: (31) 172 240254 email: info@amphenol-nl.com amphenol limited thanet way, whitstable, kent united kingdom, ct 3jf phone: 44-1227-773-200 fax: 44-1227-276-571 amphenol italia via barbaiana 5 20020 lainate, milano, italy phone: 39-02-93254-214 mobile: 39-348-7356838 fax: 39-02-93254-444 email: r.buscone@amphenol-it.com amphenol center east europe, poland and austria wiener gasse 68 2380 perchtoldsdorf, austria phone: 43-699-10396071 fax: 43-699-40396071 email: christian@czesch.at amphenol espana edifcio burgosol, ofcina n 55 c/comunidad de madrid, 35 bis las rozas (madrid), 28230 phone: 34-91-6407302 mobile: 34-629054629 fax: 34-91-6407307 email: e.bendix@amphenol-it.com amphenol sine systems china xiamen, fujian, china phone: 86-592-593-5176 mobile: 86-13606072364 f a x : 8 6 - 5 9 2 - 5 9 3 -1111 email: cindy.zhao@xm.assembletech.com amphenol interconnect india private ltd 105 bhosari industrial area pune 411 026, india phone: 91-20 -712- 0363/0463/0155 fax: 91-20-712-0581 amphenol daeshin 558. songnae-2 dong. sosa-gu bucheon city, gyeonggi-do, korea 422-818 phone: 81-32-610-3800 fax: 81-32-673-2507 email: info@amphenol.co.kr amphenol japan 689-1, iseochi, ritto-shi shiga 520-3044 japan phone: 81-77-553-8501 fax: 81-77-551-2200 amphenol socapex s.a.s. 948, promenade de larve - bp 29 74311 thyez cedex, france phone: 33(0)-4-5089-2800 fax: 33(0)-4-5096-2975 amphenol nordic appelboms vag 2 se-18642 vallentuna, sweden phone: 46-76-8418600 fax: 46-70-2203197 email: fredrik.weden@amphenol-socapex.fr south eastern europe phone: 33(0)-4-5089-2840 mobile: 33(0)-6-8281-5763 email: jocelyne.anthoine@amphenol-socapex.fr amphenol sine systems michigan 44724 morley drive clinton township, mi 48036 toll-free: 1-800-394-7732 fax: 1-586-465-1216 email: sine_info@sineco.com amphenol medical solutions email: info@sineco.com amphenol sine systems florida p.o. box 2340 22501 highway 27 lake wales, florida 33859 phone: 1-863-676-9416 fax: 1-863-676-7025 email: sine_info@sineco.com amphenol factory automation email: inquiries@amphenolfactoryautomation.com amphenol mexico prolongacion reforma 61-6 b2 col. paseo de las lomas mexico, df 01330 phone: 52-55-5258-9984 fax: 52-55-5081-6890 amphenol argentina av. callao 930 2do piso ofcina b plaza c1023, aap buenos aires, argentina phone: 54-11-4815-6886 fax: 54-11-4814-5779 amphenol do brasil ltda rua diogo moreira, 132, 20 andar cep:05423-101 sao paulo sp, brazil phone: 55-11-3815-1003 fax: 55-11-3815-1629 amphenol south africa 30 impala road 2196 chislehurston, sandton south africa phone: 27-11-783-9517 fax: 27-11-783-9519 amphenol australia pty limited 2 fiveways blvd., keysborough victoria 3173 melbourne, australia phone: 61-3-8796-8888 fax: 61-3-8796-8801 amphenol turkey beybi giz plaza, kat: 26 34396 maslak istanbul, turkey phone: 90-212-335-2501 fax: 90-212-335-25-00 amphenol bar tec ltd 4 hagavish st., po box 279 kfar saba 44102, israel phone: 972-9-767-4097 fax: 972-9-767-4324 amphenol russia 8 bldg., 2 yaroslavskaja street 129164 moscow, russia phone: 7-495-937-6341 fax: 7-495-937-6319 amphenol industrial operations 40-60 delaware avenue sidney, ny 13838 phone: 1-800-678-0141 fax: 1-607-563-5157 europe north america asia other locations ? 2012 amphenol sine systems has made every effort to ensure that the information contained in this catalog is accurate at the time of publication. specifcations or information stated in this publication are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of MA1LAE1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X